Part Number Hot Search : 
S1503 60001 LBS11902 ECWF2225 SGM9111 D213ED ADAM6060 29LV033
Product Description
Full Text Search
 

To Download UGZ10DFH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UGZ10DFH thru ugz10jfh ultrafast efficient rectifiers reverse voltage - 200 to 600 volts forward current - 10 amperes features mechanical data case : jedec ito-220ac molded plastic body terminals : plated leads, solderable per mil-std-750, method 2026 polarity : molded on body mounting position : any weight : 2.24 grams(approximately) maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. symbols units volts ugz10gfh ugz10jfh UGZ10DFH maximum repetitive peak reverse voltage v rrm working peak reverse voltage v rwm maximum rms voltage v rms maximum dc blocking voltage v dc 400 400 280 400 200 200 140 200 600 600 420 600 maximum average forward rectified current see fig. 1 i (av) 10 amps peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 amps maximum dc reverse current at rated dc blocking voltage i r @t a =25j 5 ua typical junction capacitance (note 1) c j 68 pf maximum reverse recovery time (note 3) trr 35 ns typical thermal resistance (note 2) r cjc 4.5 j / w operating temperature range t j -50 to +150 j storage temperature range t stg -65 to +175 j zowie technology corporation rev. 2 *dimensions in inches and (millimeters) maximum instantaneous forward voltage i f = 10 a, t a =25j v f 1.30 1.10 1.70 volts note : 1. measured at 1.0mhz and applied reverse voltage of 4.0v. 2. thermal resistance junction to case. 3. reverse recovery test condition : i f 0.5a, i r =1.0a, irr=0.25a patented tm * gprc (glass passivated rectifier chip) inside * glass passivated cavity-free junction * halogen-free type * compliance to rohs product * ultrafast recovery time for high efficiency * low forward voltage, high current capability * low leakage current * high surge current capability * plastic material-ul recognition flammability classification 94v-0 ito-220ac pin 1 case pin 2 0.413(10.50) 0.374(9.50) 0.108(2.90) 0.118(3.00) min. 1 2 0.104(2.50) 0.177(4.50) max. 0.043(1.10) 0.019(0.50) 0.213(5.40) 0.181(4.60) 0.055(1.40) 0.039(1.00) 0.130(3.30) 0.091(2.30) 0.274(6.95) 0.226(5.75) 0.193(4.90) 0.165(4.20) 0.591(15.00) 0.488(12.40) 0.610(15.50) 0.571(14.50) 0.031(0.80) 0.138(3.50) max. 0.016(0.40)
ratings and characteristic curves UGZ10DFH thru ugz10jfh fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes iinstantaneous forward current, amperes case temperature, j instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 0 25 50 100 75 175 150 125 1 10 0 0 2 4 6 8 10 25 50 75 100 125 175 150 0 0.1 1.0 10 50 0.4 0.6 0.8 1.0 1.4 1.2 2.0 1.8 1.6 zowie technology corporation rev. 2 t j = 25j fig.5 - typical junction capacitance reverse voltage, volts .1 10 junction capacitance, pf .2 .4 1.0 2 4 10 20 40 100 100 1000 fig.4 - typical reverse characteristics percent of rated peak reverse voltage, % 100 10 1.0 0.1 100 80 60 40 20 0 1000 ir, reverse current(ua) t j = 25j t j = 100j t j = 150j UGZ10DFH ugz10gfh ugz10jfh


▲Up To Search▲   

 
Price & Availability of UGZ10DFH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X